|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TRIAC(Through Hole / Isolated) TMG8D80F Triac TMG8D80F is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation. Typical Applications ( Sensitive Gate) Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro Wave Ovens, Hair Dryers, other control applications Industrial Use : SMPS, Copier Machines, Motor Controls, Dimmer, SSR, Heater Controls, Vending Machines, other control applications Features IT(RMS)=8A High Surge Current Low Voltage Drop Lead-Free Package Identifying Code T8D8F Unit mm Maximum Ratings Symbol VDRM IT RMS ITSM I2t PGM PG AV IGM VGM VISO Tj Tstg Item Repetitive Peak Off-State Voltage R.M.S. On-State Current Surge On-State Current I2t for fusing Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Isolation Breakdown Voltage R.M.S. Operating Junction Temperature Storage Temperature Mass Reference Tj=25 unless otherwise specified Tc 89 One cycle, 50Hz/60Hz, Peak value non-repetitive A.C. 1minute Ratings 800 8 80/88 32 5 0.5 2 10 1500 40 125 40 150 2 Unit V A A A2S W W A V V g Electrical Characteristics Symbol IDRM VTM I GT1 I GT1 I GT3 I GT3 V GT1 V GT1 V GT3 V GT3 VGD dv/dt c IH Rth Item Repetitive Peak Off-State Current Peak On-State Voltage 1 2 Gate Trigger Current 3 4 1 2 Gate Trigger Voltage 3 4 Non-Trigger Gate Voltage Critical Rate of Rise of Off-State Voltage at Commutation Reference VD=VDRM, Single phase, half wave, Tj 125 IT 12A, Inst. measurement Ratings Min. Typ. Max. 2 1.4 10 10 10 1.5 1.5 1.5 Unit mA V mA VD 6V RL 10 V Tj 125 Tj 125 VD 1 2VDRM 0.2 A/ms VD 400V 10 15 3.7 V V/ s mA /W di/dt c Holding Current Thermal Resistance Junction to case Trigger mode of the triac Mode I Mode I Mode Mode TMG8D80F 1 1 3 1 1 3 |
Price & Availability of TMG8D80F |